Part Number Hot Search : 
LC89901V NTP70N08 AD869 645ET OM7639SM 74AC240 SKM400GB F5305
Product Description
Full Text Search
 

To Download SMK630D-DATASHEET Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ksd-t6o014-002 1 smk630d advanced n-ch power mosfet dc-dc converter application high voltage switching applications features ? high voltage : bv dss =200v(min.) ? low c rss : c rss =24pf(typ.) ? low gate charge : qg=12nc(typ.) ? low r ds(on) : r ds(on) =0.4 ? (max.) ordering information marking diagram absolute maximum ratings ( t c =25 ? c unless otherwise noted) characteristic symbol rating unit drain-source voltage v dss 200 v gate-source voltage v gss ? 30 v drain current (dc) * i d (tc=25 ) 9 a (tc=100 ) 5.7 a drain current (pulsed) * i dm 36 a power dissipation p d 45 w avalanche current (single) i as 9 a single pulsed aval anche energy e as 232 mj avalanche current (r epetitive) i ar 9 a repetitive avalanche energy e ar 9.5 mj junction temperature t j 150 ? c storage temperature range t stg -55~150 * limited by maximum junction temperature characteristic symbol typ. max. unit thermal resistance junction-case r th(j-c) - 2.77 ? c/w junction-ambient ** r th(j-a) - 50 ** when mounted on the minimum pad size recommended (pcb mount) column 1,2 : device code column 3 : production information e.g.) yww -. yww : date code (year, week) type no. marking package code smk630d smk630 to-252 smk 630 yww to-252 d g s
ksd-t6o014-002 2 smk630d electrical characteristics (t c =25 ? c unless otherwise noted) characteristic symbol test co ndition min. typ. max. unit drain-source breakdown voltage bv dss i d =250ua, v gs =0 200 - - v gate threshold voltage v gs(th) i d =250ua, v ds =v gs 2.0 - 4.0 v drain-source cut-off current i dss v ds =200v, v gs =0v - - 1 ua gate leakage current i gss v ds =0v, v gs = ? 30v - - ? 100 na drain-source on-resistance r ds(on) v gs =10v, i d =4.5a - 0.34 0.40 ? forward transfer conductance g fs v ds =10v, i d =4.5a - 5.5 - s input capacitance ciss v gs =0v, v ds =25v, f=1mhz - 420 525 pf output capacitance coss - 99 128 reverse transfer capacitance crss - 24 28 tu r n - o n de l ay t i m e t d(on) v dd =100v, i d =9a r g =25 ? - 11 - ns rise time t r - 92 - turn-off delay time t d(off) - 70 - fall time t f - 72 - total gate charge q g v ds =160v, v gs =10v i d =9a - 12 17 nc gate-source charge q gs - 2.4 - gate-drain charge q gd - 3.5 - source-drain diode ratings and characteristics (t c =25 ? c unless otherwise noted) characteristic symbol test co ndition min. typ. max. unit source current (dc) i s integral reverse diode in the mosfet - - 9 a source current (pulsed) i sm - - 36 forward voltage v sd v gs =0v, i s =9a - - 1.4 v reverse recovery time t rr i s =9a, v gs =0v di f /dt=100a/us - 158 - ns reverse recovery charge q rr - 0.97 - uc note ; repetitive rating : pulse width limited by maximum junction temperature l=4.3mh, i as =9a, v dd =50v, r g =25 ? , starting t j =25 pulse test : pulse width 300us, duty cycle 2% essentially independent of operating temperature
ksd-t6o014-002 3 smk630d fig. 5 capacitance - v ds fig. 1 i d - v ds fig. 4 i s - v sd fig. 3 r ds ( on ) - i d fig. 6 v gs - q g typical characteristic curves fig. 2 i d - v gs
ksd-t6o014-002 4 smk630d c * ? c fig. 8 r ds(on) - t j fig. 9 i d - t c fig. 7 v dss - t j fig. 10 safe operating area
ksd-t6o014-002 5 smk630d fig. 11 gate charge test circuit & waveform fig. 12 resistive switching test circuit & waveform fig. 13 e as test circuit & waveform
ksd-t6o014-002 6 smk630d fig. 14 diode reverse recovery time test circuit & waveform
ksd-t6o014-002 7 smk630d recommended land pattern [unit: mm] outline dimension unit: mm 4.60 1.50 2 . 5 0 7 . 0 0 7.00
ksd-t6o014-002 8 smk630d the auk corp. products are intended for the use as components in general electronic equipment (office and co mmunication equipment, m easuring equipment, home appliance, etc.). please make sure that you consult with us before you use these auk corp. products in equipments which require high quality and / or reliability, and in equipments which could have major impact to th e welfare of human life(atomi c energy control, airplane, spaceship, transportation, co mbustion control, all types of safety device, etc.). auk corp. cannot accept liability to any damage which may occur in case these auk corp. products were used in the mentioned equipm ents without prior consultation with auk corp.. specifications mentioned in this publicati on are subject to change without notice.


▲Up To Search▲   

 
Price & Availability of SMK630D-DATASHEET

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X